| Moteur de recherche de fiches techniques de composants électroniques |
|
STA369BW Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA369BW Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 88 page ![]() STA369BW Register description Doc ID 022033 Rev 1 47/88 2.0 channels, two full-bridges (OCFG = 00) ● FFX1A -> OUT1A ● FFX1B -> OUT1B ● FFX2A -> OUT2A ● FFX2B -> OUT2B ● FFX3A -> OUT3A ● FFX3B -> OUT3B ● FFX4A -> OUT4A ● FFX4B -> OUT4B ● FFX1A/1B configured as ternary ● FFX2A/2B configured as ternary ● FFX3A/3B configured as lineout ternary ● FFX4A/4B configured as lineout ternary On channel 3 line-out (LOC bits = 00) the same data as channel 1 processing is sent. On channel 4 line-out (LOC bits = 00) the same data as channel 2 processing is sent. In this configuration, neither volume control nor EQ has any effect on channels 3 and 4. In this configuration the PWM slot phase is the following as shown in Figure 25. Figure 25. 2.0 channels (OCFG = 00) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT4A OUT4B AM045190v1 |