| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9808 Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9808 Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 52 page ![]() © 2011 Microchip Technology Inc. DS25095A-page 37 MCP9808 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (2x3x0.9 mm) Example 8-Lead MSOP (3x3 mm) Example 9808E 141256 ALP 141 25 |