| Moteur de recherche de fiches techniques de composants électroniques |
|
STPMC1 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMC1 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 77 page ![]() Terminology STPMC1 16/77 Doc ID 15728 Rev 6 7.3 Notation Table 8. Notation Label Description uVoltage i Current uX Phase X voltage (X = R, S, T) iX Phase X current (X = R, S, T) iN Neutral current UX Phase X RMS voltage (X = R, S, T) IX Phase X RMS current (X = R, S, T) P Active energy full bandwidth F Active energy fundamental Q Reactive energy full bandwidth R Reactive energy fundamental XY X energy type per Y phase X = P, F, Q, R Y = R, S, T or Σ for 3-phase PIN Pin names are UPPERCASE CFG Configuration bit names are UNDERLINED SIG Internal signals and status bits are in ITALICS |