Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPMC1 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 63Page - STMicroelectronics STPMC1 Datasheet HTML 64Page - STMicroelectronics STPMC1 Datasheet HTML 65Page - STMicroelectronics STPMC1 Datasheet HTML 66Page - STMicroelectronics STPMC1 Datasheet HTML 67Page - STMicroelectronics STPMC1 Datasheet HTML 68Page - STMicroelectronics STPMC1 Datasheet HTML 69Page - STMicroelectronics STPMC1 Datasheet HTML 70Page - STMicroelectronics STPMC1 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
STPMC1
Energy calculation algorithm
Doc ID 15728 Rev 6
67/77
10
Energy calculation algorithm
For the purpose of simplicity the energy computation shown below is relative to only one
phase.
Given line voltage and current as:
Equation 12
u = U sin (
ω t)
i = I sin(
ω t + ϕ)
The voltage divider, AD converter and calibrator produce the value:
Equation 13
vu = u (R2/(R1+R2) (AU/VREF) kU = u kD = A sin (ω t)
The Rogowski coil preamplifier, AD converter and calibrator produce the value:
Equation 14
vi = - L (di/dt) (AI/VREF) kI = - I kL ω cos (ω t + ϕ) = - B ω cos (ω t + ϕ)
The 2nd stage internal integrations produce the values:
Equation 15
vui = ∫ vudt = - (A / ω) cos (ω t) kINT
Equation 16
vii =
∫ v
idt = - B sin (ω t + ϕ) kINT
From signs of vu and vui the base frequency of line can be produced:
Equation 17
ω / kINT = k / T
This result is used to compensate Eq. 41, Eq. 44, Eq. 45 and Eq. 54.
The frequency compensated values are:
Equation 18
vuic = ω / kINT vui = - A cos (ω t)
Equation 19
viic = ω / kINT vii = - B ω sin (ω t + ϕ)
The 3rd stage internal integrations and DC cancellations produce the values:
Equation 20
vuiic = ∫ vuicdt = - (A / ω) sin (ω t) kINT
Equation 21
viiic = ∫ viicdt = B cos (ω t + ϕ) kINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77