| Moteur de recherche de fiches techniques de composants électroniques |
|
SC5014 Fiches technique(PDF) 28 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC5014 Fiches technique(HTML) 28 Page - Semtech Corporation |
|
28 / 34 page ![]() SC5014 28 Definition of Registers and Bits Fault Status Register Bit Field Definition Read / Write Description 0x00 [7] CLF W Clear latching flags bit. (Set = to clear OTP, LED_OPEN, LED_SHORT and mask OVP for 32 to 64μs) 0x00 [6] PLL_RDY R PLL ready status 0x00 [5] LED_SHORT R One or more LED strings faulted shorted 0x00 [4] LED_OPEN R One or more LED strings faulted open 0x00 [2] OTP R Thermal shutdown ( = thermal OTP fault) 0x00 [] OVP R Output over-voltage fault ( = OVP ) 0x00 [0] FAULT R OR of all fault conditions (0= no fault, = fault condition) |