Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC5014 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce SC5014
Description  High Efficiency 4-Channel HB LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5014 Fiches technique(HTML) 2 Page - Semtech Corporation

  SC5014 Datasheet HTML 1Page - Semtech Corporation SC5014 Datasheet HTML 2Page - Semtech Corporation SC5014 Datasheet HTML 3Page - Semtech Corporation SC5014 Datasheet HTML 4Page - Semtech Corporation SC5014 Datasheet HTML 5Page - Semtech Corporation SC5014 Datasheet HTML 6Page - Semtech Corporation SC5014 Datasheet HTML 7Page - Semtech Corporation SC5014 Datasheet HTML 8Page - Semtech Corporation SC5014 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SC5014
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC504MLTRT()(2)
MLPQ-20 4×4
SC504EVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen free.
AGND
OVP
15
IO1
14
IO2
13
IO3
12
IO4
11
20
16
17
18
19
UVLO
1
SCP
2
REF
3
FSET
4
CPLL
5
10
8
9
7
6
5014
yyww
xxxxx
xxxxx
nnnn = Part Number
yyww = Date code
xxxxx = Semtech Lot No.
xxxxx = Semtech Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34