| Moteur de recherche de fiches techniques de composants électroniques |
|
SL3ICS1202 Fiches technique(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1202 Fiches technique(HTML) 33 Page - NXP Semiconductors |
|
33 / 56 page ![]() 139036 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.6 — 10 March 2011 139036 33 of 56 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 15.7.2 State transition tables The G2X responses to interrogator commands are defined by State Annex B transition tables in Section 18, Ref. 1. Following states are implemented on the G2X: • Ready, for a description refer to Section 18, Ref. 1, Annex B.1. • Arbitrate, for a description refer to Section 18, Ref. 1, Annex B.2. • Reply, for a description refer to Section 18, Ref. 1, Annex B.3. • Acknowledged, for a description refer to Section 18, Ref. 1, Annex B.4. • Open, for a description refer to Section 18, Ref. 1, Annex B.5. • Secured, for a description refer to Section 18, Ref. 1, Annex B.6. • Killed, for a description refer to Section 18, Ref. 1, Annex B.7. 15.7.3 Command response tables The G2X responses to interrogator commands are described in following Annex C sections of Section 18, Ref. 1: • Power-up, for a description refer to Section 18, Ref. 1, Annex C.1. • Query, for a description refer to Section 18, Ref. 1, Annex C.2. • QueryRep, for a description refer to Section 18, Ref. 1, Annex C.3. • QueryAdjust, for a description refer to Section 18, Ref. 1, Annex C.4. • ACK, for a description refer to Section 18, Ref. 1, Annex C.5. • NAK, for a description refer to Section 18, Ref. 1, Annex C.6. • Req_RN, for a description refer to Section 18, Ref. 1, Annex C.7. • Select, for a description refer to Section 18, Ref. 1, Annex C.8. • Read, for a description refer to Section 18, Ref. 1, Annex C.9. • Write, for a description refer to Section 18, Ref. 1, Annex C.10. • Kill, for a description refer to Section 18, Ref. 1, Annex C.11. • Lock, for a description refer to Section 18, Ref. 1, Annex C.12. • Access, for a description refer to Section 18, Ref. 1, Annex C.13. • T2 time-out, for a description refer to Section 18, Ref. 1, Annex C.17. • Invalid command, for a description refer to Section 18, Ref. 1, Annex C.18. 15.7.4 Example data-flow exchange For data flow-exchange examples refer to Section 18, Ref. 1, Annex K: • K.1 Overview of the data-flow exchange • K.2 Tag memory contents and lock-field values • K.3 Data-flow exchange and command sequence 15.8 Mandatory Select Commands Select commands select a particular UCODE G2X tag population based on user-defined criteria. |