| Moteur de recherche de fiches techniques de composants électroniques |
|
Y-CONC-R406M-RJ2U-2000-A Fiches technique(PDF) 32 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R406M-RJ2U-2000-A Fiches technique(HTML) 32 Page - YAMAHA CORPORATION |
|
32 / 42 page ![]() TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 31 Y-Con + M8 /M12 Series Part Number (Details) Y-ConC - *** ** - ** * * - **** - * Y-ConC - R40 6P - MA 4D - 2000 - A Part Number Example for RJ45 with M8 and M12 RJ45 with 4+0 contacts Series IP67 plastic cover 4 pins Code D Cable length in mm Wiring T568A 1:1 M8 male shielded 180° Series Interface Side 1 R40 = RJ45, 4+0 contacts R42 = RJ45, 4+2 contacts R60 = RJ45, 6+0 contacts R62 = RJ45, 6+2 contacts R80 = RJ45, 8+0 contacts R82 = RJ45, 8+2 contacts Protection side 1 6P = IP67 plastic cover 6M = IP67 metal cover 2S = IP20 strain relief 2L = IP20Lock strain relief 2U = IP20Lock 90° moulded 2M = IP20 metal Cover-20 CU = Customer specific Interface side 2 MA = M8 male shielded 180° MB = M8 female shielded 180° MC = M8 male shielded 90° MD = M8 female shielded 90° ME = M12 male shielded 180° MF = M12 female shielded 180° MG = M12 male shielded 90° MH = M12 female shielded 90° Pin counts 3, 4, 5 and 8 Coding A, B and D Length in mm Wiring Plan A = T568A 1:1, B = T568A crossover, C = T568B 1 :1, D = T568B crossover, F = Custom |