Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETX3110 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TNETX3110
Description  ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3110 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TNETX3110 Datasheet HTML 4Page - Texas Instruments TNETX3110 Datasheet HTML 5Page - Texas Instruments TNETX3110 Datasheet HTML 6Page - Texas Instruments TNETX3110 Datasheet HTML 7Page - Texas Instruments TNETX3110 Datasheet HTML 8Page - Texas Instruments TNETX3110 Datasheet HTML 9Page - Texas Instruments TNETX3110 Datasheet HTML 10Page - Texas Instruments TNETX3110 Datasheet HTML 11Page - Texas Instruments TNETX3110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
TNETX3110
ThunderSWITCH
™ 8/3 ETHERNET™ SWITCH
WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
SPWS047A – MARCH 1998 – REVISED APRIL 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-Mbit/s MAC interface (ports 08–10) (continued)
TERMINAL
I/O
INTERNAL
DESCRIPTION†
NAME
NO.
I/O
RESISTOR
DESCRIPTION†
M08TXD3
M08TXD2
M08TXD1
M08TXD0
M09TXD3
M09TXD2
M09TXD1
M09TXD0
M10TXD3
M10TXD2
M10TXD1
M10TXD0
38
37
36
35
61
60
59
57
86
85
84
83
O
None
Transmit data (nibble transmit data). When MxxTXEN is asserted, these signals carry
transmit data. Data on these signals is synchronous to MxxTCLK. MxxTXD0 is the least
significant bit and MxxTXD3 is the most significant bit.
M08TXEN
M09TXEN
M10TXEN
39
62
87
O
None
Transmit enable. MxxTXEN indicates valid transmit data on MxxTXD3–MxxTXD0.
M08TXER
M09TXER
M10TXER
41
63
89
O
None
Transmit error. MxxTXER allows coding errors to be propagated across the MII. MxxTXER
is taken high when an under-run in the transmit FIFO for port xx occurs and causes fill data
to be transmitted (MxxTXER is low otherwise). MxxTXER is asserted at the end of an
under-running frame, enabling the device to force a coding error.
† xx = ports 08, 09, and 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65