| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETX3110 Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3110 Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 65 page ![]() TNETX3110 ThunderSWITCH ™ 8/3 ETHERNET™ SWITCH WITH 8 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS SPWS047A – MARCH 1998 – REVISED APRIL 1999 30 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 10. 10-Mbit/s Interface Connections TNETX3110 TERMINAL TNETE2008 TERMINAL TH2CLK ← IFCLK TH2SYNC ← IFSYNC TH2COL ← IFCOL TH2CRS ← IFCRS TH2LINK ← IFLINK TH2RXD3 ← IFRXD3 TH2RXD2 ← IFRXD2 TH2RXD1 ← IFRXD1 TH2RXD0 ← IFRXD0 TH2RXDV ← IFRXDV TH2TXD3 → IFTXD3 TH2TXD2 → IFTXD2 TH2TXD1 → IFTXD1 TH2TXD0 → IFTXD0 TH2TXEN → IFTXEN TH2RENEG → IFFORCEHD The time multiplexing of this interface is shown in Figure 5. The interface runs synchronous to the PHY-generated 20-MHz clock IFCLK. The MAC-to-PHY information for the first port in each group of eight (i.e., port 00, port 08, or port 16) is presented on the interface when the TH2SYNC terminal is high. The next clock cycle that the interface carries is the information for the second port. This process continues for all eight ports, each using the interface for one cycle. When all ports have been processed in this manner, the sequence resumes with the first port and again when the TH2SYNC signal is asserted. To improve latency-related issues, the PHY-to-MAC data are skewed by two slots, allowing the MAC to respond to the input signals from the PHY in the same 400-ns cycle, rather than waiting for the next 400-ns cycle (which would be the case if the signals were not skewed). |