| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETX3100PGC Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3100PGC Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 80 page ![]() TNETX3100 ThunderSWITCH™ 10-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS031D – JUNE 1997 – REVISED OCTOBER 1997 31 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 SIO/XCTRL register at 0x00A1 XCTRL REGISTER SIO REGISTER BIT BIT 7 6 5 4 3 2 1 0 Reserved CUT100 RXARB BRUN Reserved ECLOK ETXEN EDATA Initial Values After Reset – 0 0 0 0 0 0 0 BIT NAME FUNCTION 7 Reserved Reserved. Not implemented (reads as zero). 6 CUT100 Single-buffer cut-through operation on 100-Mbit/s ports only. CUT100 = 1 disables single-buffer cut-through operation for frames received on 10-Mbit/s source ports. A frame is transmitted only when two buffers are transferred to the transmit FIFO or an end of frame (prior to two buffers) is received. Although it increases latency on 10-Mbit/s ports, enabling CUT100 reduces the probability of dropping frames due to FIFO underrun on 100-Mbit/s ports. When CUT100 = 0, all ports operate in single-buffer cut-through mode. 5 RXARB Receive arbitration mode. RXARB = 1 ensures that no frames are dropped during bursty conditions. When RXARB = 0, errored frames can be transmitted. To ensure proper operation, set RXARB to 1. 4 BRUN Broadcast to unassigned ports. If no port address is matched, and BRUN = 1, the TNETX3100 broadcasts a unicast frame to all ports with unassigned addresses (ports that are enabled but do not have a port address). When BRUN = 0, all unmatched unicast frames are sent to the uplink port. BRUN = 0 if an external address-lookup device is used. The external address-lookup device provides the function by itself. 3 Reserved Reserved 2 ECLOK EEPROM SIO clock. ECLOK controls the state of the ECLK terminal. When ECLOK = 1, ECLK is asserted. When ECLOK = 0, ECLK is deasserted. ECLOK also is used to determine the state of the EEPROM interface. If the EEPROM port is disabled, ECLOK is always read as a 0, even if a value of 1 is written to the bit. The TNETX3100 detects that the EEPROM port is disabled by sensing the state of the EDIO terminal during reset. If EDIO is read as a 0 during reset (due to an external pulldown resistor), the EEPROM interface is disabled and no attempt is made to read configuration information. 1 ETXEN EEPROM SIO transmit enable. ETXEN controls the direction of the EDIO terminal. When ETXEN = 1, EDIO is driven with the value in the EDATA bit. When ETXEN = 0, EDATA is loaded with the value on the EDIO terminal. 0 EDATA EEPROM SIO data. EDATA is used to read or write the state of the EDIO terminal. When ETXEN = 1, EDIO is driven with the value in EDATA. When ETXEN = 0, EDATA is loaded with the value on the EDIO terminal. device code register at 0x00A3 (DIO) BIT 7 6 5 4 3 2 1 0 Device Identification Code 0 0 0 0 0 0 0 1 BIT NAME FUNCTION 7–0 DEVCODE Device type code for the device. The DEVCODE field is read only and identifies the type of ThunderSWITCH device. The standard ThunderSWITCH (TNETX3150) has a code of 0x00. Tiny ThunderSWITCH (TNETX3100) has a code of 0x01. |