| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE2008 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2008 Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 33 page ![]() TNETE2008 OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES SPWS042B – DECEMBER 1997 – REVISED JUNE 1998 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Terminal Functions (Continued) 10BASE-T interface TERMINAL TYPE† DESCRIPTION NAME NO. TYPE† DESCRIPTION RCVP0 RCVP1 RCVP2 RCVP3 RCVP4 RCVP5 RCVP6 RCVP7 114 111 108 106 104 102 100 98 A Half of the receive pair to PHY0-PHY7. Differential line-receiver inputs connect to receive pair through transformer isolation. RCVN0 RCVN1 RCVN2 RCVN3 RCVN4 RCVN5 RCVN6 RCVN7 113 110 107 105 103 101 99 97 A Half of the receive pair to PHY0-PHY7. Differential line-receiver inputs connect to receive pair through transformer isolation. XMTN0 XMTN1 XMTN2 XMTN3 XMTN4 XMTN5 XMTN6 XMTN7 2 6 10 14 18 22 26 30 A Half of the transmit pair. Differential line-transmitter outputs from PHY0–PHY7. XMTP0 XMTP1 XMTP2 XMTP3 XMTP4 XMTP5 XMTP6 XMTP7 1 5 9 13 17 21 25 29 A Half of the transmit pair. Differential line-transmitter outputs from PHY0–PHY7. † A = analog |