| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETE2008 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE2008 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 33 page ![]() TNETE2008 OctalPHY EIGHT 10BASE-T PHYSICAL-LAYER INTERFACES SPWS042B – DECEMBER 1997 – REVISED JUNE 1998 28 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 collision-detection timing IFCOL is asserted for a minimum of 600 ns when transmission and reception of data occur simultaneously and the mode is in half duplex. IFCOL is not active during link fail or in full-duplex mode. Figure 17 shows the collision-detect timing. During a collision, the data output on IFRXD is not valid received data. collision detect (see Figure 17) NO. PARAMETER MIN TYP MAX UNIT 1 td(IFCOLON) Delay time, collision detect RCVP/RCVN valid to IFCOL ↑ 125 475 1300 ns 2 td(IFCOLOFF) Delay time, collision off IFTXEN↓ to IFCOL↓ 600 700 1450 ns RCVP RCVN (input) IFCLK (output) IFTXEN (input) IFCOL (output) 1 2 Collision Event IFSYNC (output) Figure 17. Collision Detect |