| Moteur de recherche de fiches techniques de composants électroniques |
|
Y-CONC-R802U-CU2L-2000-A Fiches technique(PDF) 39 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R802U-CU2L-2000-A Fiches technique(HTML) 39 Page - YAMAHA CORPORATION |
|
39 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 38 Description: IEEE1394b (800 Mbit/s) cable assembly Standard length = 2.0 meters. IEEE1394b (800 Mbit/s) Kabelkonfektionen Standardlänge = 2.0 Meter. Material: Jacket: PUR, black Mantel Specifications: Operating Temp.: -10°C ~ +70°C Betriebstemp. Other cable lengths and cable specifications available on request Andere Kabellängen und Kabelspezifikation auf Anfrage erhältlich Part Number (Details) Y-ConC - IE6 ** - ** ** - **** - E Series IE6 = IEEE, 6 contacts Protection side 1 6P = IP67 plastic cover 2S = IP20 strain relief Interface side 2 IE = IEEE CU = customer specific FE = free end (cut only) Protection side 2 6P = IP67 plastic cover 2S = IP20 strain relief CU = customer specific Length in mm Wiring Plan E = Standard IEEE F = Custom Interface side 1 |