| Moteur de recherche de fiches techniques de composants électroniques |
|
Y-CONC-R802U-CU2L-2000-A Fiches technique(PDF) 21 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R802U-CU2L-2000-A Fiches technique(HTML) 21 Page - YAMAHA CORPORATION |
|
21 / 42 page ![]() Part Number Signal Contacts Power Contacts Orientation PCB Y-ConJack-13 8 0 90° with solder pads Y-ConJack-23 8 2 90° with solder pads Y-ConJack-14 8 0 90° with terminals Y-ConJack-24 8 2 90° with terminals Y-ConJack - * * Part Number (Details) Series Power Contacts 1 = w/o. 2 = with Design Number Outline Dimensions Y-ConJack-13 / -23 Y-ConJack-14 / -24 SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 20 Description: RJ45 PCB mounted jacks, Cat 5, with or without power contacts. For use with Y-ConFlange-10-*, Y-ConFlange-40-* and all Y-Con plugs RJ45 Buchse auf PCB, Cat 5, mit oder ohne zusätzliche Kontakte für die Stromversorgung. Für den Einsatz mit Y-ConFlange-10-*, Y-ConFlange-40-* und allen Y-Con Kabelsteckern Material: Jack body PA, UL94V-0 Isolierkörper Shielding Nickel plated brass Schirmung Contact Contact area 30µ”Au/50µ”Ni Kontakte PCB FR4, UL94V-0 Specifications: Oper. Temp.: -40°C ~ +120°C Betriebstemp. Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom Y-ConJack-13 / -23 Y-ConJack-14 / -24 |