| Moteur de recherche de fiches techniques de composants électroniques |
|
MFRC63002R Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFRC63002R Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 118 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx 8. Functional description Fig 3. Detailed block diagram of the MFRC630 001aam005 I2C, LOGICAL FIFO 512 Bytes REGISTERS STATEMACHINES EEPROM 8 kByte SPI SAM interface VOLTAGE REGULATOR 3/5 V => 1.8 V DVDD POR ADC PLL LPO RX OSC TX VOLTAGE REGULATOR 3/5 V => 1.8 V AVDD RNG ANALOGUE FRONT-END BOUNDARY SCAN IF0 IFSEL0 IFSEL1 IF1 IF2 IF3 TCK TDI TMS TDO RESET LOGIC PDOWN I2C RS232 SPI host interfaces INTERRUPT CONTROLLER IRQ SIGIN TIMER0..3 CRC TIMER4 (WAKE-UP TIMER) SIGPRO TX CODEC RX DECOD CL- COPRO SIGIN/ SIGOUT CONTROL SIGOUT VMID RXN RXP TX1 TX2 XTAL1 XTAL2 SDA SCL VDD VSS PVDD TVDD TVSS AUX1 AUX2 AVDD DVDD CLKOUT |