Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFRC63002R Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 55Page - NXP Semiconductors MFRC63002R Datasheet HTML 56Page - NXP Semiconductors MFRC63002R Datasheet HTML 57Page - NXP Semiconductors MFRC63002R Datasheet HTML 58Page - NXP Semiconductors MFRC63002R Datasheet HTML 59Page - NXP Semiconductors MFRC63002R Datasheet HTML 60Page - NXP Semiconductors MFRC63002R Datasheet HTML 61Page - NXP Semiconductors MFRC63002R Datasheet HTML 62Page - NXP Semiconductors MFRC63002R Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
59 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
Table 46.
WaterLevel bits
Bit
Symbol
Description
7 to 0
WaterLevel
Sets a level to indicate a FIFO-buffer state which can be read from bits
HighAlert and LowAlert in the FifoControl. In 512-bit FIFO mode, the
register is extended by bit WaterLevel in the FIFOControl. This
functionality can be used to avoid a FIFO buffer overflow or underflow:
The bit HiAlert bit in FIFO Control is read logic 1, if the number of bytes
in the FIFO-buffer is equal or less than the number defined by
WaterLevel.
The bit LoAlert bit in FIFO control is read logic 1, if the number of bytes
in the FIFO buffer is equal or less than the number defined by
WaterLevel.
Note: For the calculation of HiAlert and LoAlert see register description
of these bits (Section 9.4.1 “FIFOControl”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More