Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Y-CONC-R422M-RJ6P-2000-A Fiches technique(PDF) 29 Page - YAMAHA CORPORATION

No de pièce Y-CONC-R422M-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R422M-RJ6P-2000-A Fiches technique(HTML) 29 Page - YAMAHA CORPORATION

Back Button Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 25Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 26Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 31Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 32Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 33Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
28
Description:
IP67 industrial outlets for structured
cabling, including Y-ConFlange-10-*
and cable fixing
IP67-geschützte Anschlussdosen für strukturierte
Verkabelung, mit montiertem Y-ConFlange-10-*
und Kabelverschraubung
Material:
Housing
Aluminium
Gehäuse
Flange
PBT, UL94V-0
Flansch
Cable gland
Nylon 6, UL94V-0
Kabelverschraubung
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Cat 5 rail mounted terminal box for cabinet wiring,
RJ45 / cage clamp incl. Y-ConJack-22
(with power contacts)
Cat 5 Hutschienen-Kabelverteiler für die Schaltschrankverdrahtung.
RJ45 / Klemmanschluss inkl. Y-ConJack-22 (mit 2 Kontakten
für die Stromversorgung)
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Durability:
1,000 mechanical cycles
Lebensdauer
Current Rating: 2.1A @ 70°C
Bemessungsstrom
(power contacts)
Y-ConOutlet-10
Y-ConOutlet-11
125.0
151.0 approx.
Part Number
Cable Outlet Diameter Size
Y-ConOutlet-10
5.0 to 9.0mm
Y-ConOutlet-11
6.0 to 13.0mm
Series
Design Number
(see table below)
Y-ConOutlet - **
Part Number (Details)
Series
Design Number
Y-ConTerminal -10
Part Number (Details)
Wiring Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com