Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Y-CONC-R422M-RJ6P-2000-A Fiches technique(PDF) 15 Page - YAMAHA CORPORATION

No de pièce Y-CONC-R422M-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R422M-RJ6P-2000-A Fiches technique(HTML) 15 Page - YAMAHA CORPORATION

Back Button Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 14Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 15Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 16Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 18Page - YAMAHA CORPORATION Y-CONC-R422M-RJ6P-2000-A Datasheet HTML 19Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
14
Part No.: Y-ConAS-13
Accessories
Description:
IP20 dummy plug for all
RJ45 jacks
IP20 Dummy-Stecker
für alle RJ45 Buchsen
Part Number
Signal Contacts
Power Contacts
Orientation
Remarks
Y-ConJack-11
8
0
90°
PCB-Lock
Y-ConJack-21
8
2
90°
PCB-Lock
Y-ConJack-21-PP
8
2
90°
Positioning pins
Y-ConJack-12
8
0
180°
Positioning pins
Y-ConJack-22-THR
8
2
180°
for THR soldering
Y-ConJack-22-WAVE
8
2
180°
for Wave soldering
Y-ConJack
-
*
* - *
Part Number (Details)
Outline Dimensions
PCB Layout
Y-ConJack-11
Description:
RJ45 jack 90° and 180°, Cat 5, with improved
shielding. Available with additional power contacts.
For use with all Y-Con plugs
RJ45 Buchse 90° und 180° ,Cat 5, mit verbesserter Schirmung.
Auch mit zusätzlichen Kontakten für die Stromversorgung
verfügbar. Für den Einsatz mit allen Y-Con Kabelsteckern
Material:
Jack body
PA, UL94V-0
Isolierkörper
Shielding
Nickel plated brass
Schirmung
Contact
Contact area 30µ”Au/50µ”Ni
Kontakte
Solder area
80µ”Sn/50µ”Ni
Specifications:
Operating Temp.: -40°C ~ +120°C
Betriebstemp.
Solder Temp:
Reflow max. 260°C / 10sec.
Löttemp.
Wave min. 235°C / 3 sec.
(only for Y-ConJack-21-PP
and Y-ConJack-22- WAVE)
Durability:
1,500 mechanical cycles
Lebensdauer
Current Rating:
2.1A @ 70°C (power contacts)
Bemessungsstrom
Series
Power Contacts 1 = without 2 = with
1 = 90°
2 = 180°
See remarks in table below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com