Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNL310 Fiches technique(PDF) 14 Page - SONiX Technology Company

No de pièce SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Fiches technique(HTML) 14 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 10Page - SONiX Technology Company SNL310 Datasheet HTML 11Page - SONiX Technology Company SNL310 Datasheet HTML 12Page - SONiX Technology Company SNL310 Datasheet HTML 13Page - SONiX Technology Company SNL310 Datasheet HTML 14Page - SONiX Technology Company SNL310 Datasheet HTML 15Page - SONiX Technology Company SNL310 Datasheet HTML 16Page - SONiX Technology Company SNL310 Datasheet HTML 17Page - SONiX Technology Company SNL310 Datasheet HTML 18Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SNL310
16-Bit LCD Controller
8080-series Interface:
Figure-11
6800-series Interface:
A0
D0~D7
(WRITE)
D0~D7
(READ)
WR, RD
CS
E
D0~D7
(WRITE)
D0~D7
(READ)
A0
R/W
CS
Figure-12
In SNL310, the interface with external 8-bit mode LCD driver is shared with extension
bus. When LCD driver connected to SNL310, chip will allocate a memory area for LCD
driver and the size of this memory area will depend on unit size of each external device.
So it is easy to configure LCD driver and read/write data to/from LCD driver. Figure-13
and Figure-14 show out the system connection of 808/6800 LCD interfaces between
SNL310 and LCD driver.
Ver: 1.7
May 2, 2003
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24