| Moteur de recherche de fiches techniques de composants électroniques |
|
SNL310 Fiches technique(PDF) 1 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNL310 Fiches technique(HTML) 1 Page - SONiX Technology Company |
|
1 / 24 page ![]() SNL310 16-Bit LCD Controller ======== CONTENTS ======== 1. INTRODUCTION............................................................................................................... 3 2. FEATURES ....................................................................................................................... 3 3. PIN ASSIGNMENTS ......................................................................................................... 4 4. I/O PORT........................................................................................................................... 5 5. TIMER/COUNTER ............................................................................................................ 6 6. Real Time Clock (RTC).................................................................................................... 6 7. DA & PWM ........................................................................................................................6 7.1 DAC............................................................................................................................... 6 7.2 PWM.............................................................................................................................. 7 8. EXTENSION BUS ............................................................................................................. 8 8.1 Extension Bus for External Memory Device ................................................................. 8 9. UART INTERFACE......................................................................................................... 13 10. LCD DRIVER INTERFACE ........................................................................................ 13 10.1 8-Bit Interface.............................................................................................................. 13 10.2 1-Bit Interface.............................................................................................................. 16 10.3 LCD RAM Assignment ................................................................................................ 16 10.4 LCD RAM Mapping ..................................................................................................... 17 10.5 LCD Interface Configuration ....................................................................................... 18 11. APPLICATION DIAGRAM ......................................................................................... 20 11.1 Application 1................................................................................................................ 20 11.2 Application 2................................................................................................................ 21 12. BONDING PAD........................................................................................................... 22 13. ABSOLUTE MAXIMUM RATINGS ............................................................................ 23 14. ELECTRICAL CHARACTERISTICS.......................................................................... 23 Ver: 1.7 May 2, 2003 1 |
Numéro de pièce similaire - SNL310 |
|
Description similaire - SNL310 |