| Moteur de recherche de fiches techniques de composants électroniques |
|
RM48L930 Fiches technique(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RM48L930 Fiches technique(HTML) 79 Page - Texas Instruments |
|
79 / 147 page ![]() EMIF_nCS[3:2] EMIF_BA[1:0] 13 12 EMIF_ADDR[21:0] EMIF_nOE EMIF_DATA[15:0] EMIF_nWE 10 5 9 7 4 8 6 3 1 EMIF_nDQM[1:0] 30 29 RM48L930 RM48L730 RM48L530 www.ti.com SPNS176 – SEPTEMBER 2011 4.14 External Memory Interface (EMIF) 4.14.1 Features The EMIF includes many features to enhance the ease and flexibility of connecting to external asynchronous memories or SDRAM devices. The EMIF features includes support for: • 3 addressable chip select for asynchronous memories of up to 16MB each • 1 addressable chip select space for SDRAMs up to 128MB • 8 or 16-bit data bus width • Programmable cycle timings such as setup, strobe, and hold times as well as turnaround time • Select strobe mode • Extended Wait mode • Data bus parking 4.14.2 Electrical and Timing Specifications 4.14.2.1 Read Timing (Asynchronous RAM) Figure 4-11. Asynchronous Memory Read Timing Copyright © 2011, Texas Instruments Incorporated System Information and Electrical Specifications 79 Submit Documentation Feedback focus.ti.com: RM48L930 RM48L730 RM48L530 |