| Moteur de recherche de fiches techniques de composants électroniques |
|
RM48L930 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RM48L930 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 147 page ![]() RM48L930 RM48L730 RM48L530 www.ti.com SPNS176 – SEPTEMBER 2011 2.4.2 ZWT Package 2.4.2.1 Multi-Buffered Analog-to-Digital Converters (MibADC) Table 2-20. ZWT Multi-Buffered Analog-to-Digital Converters (MibADC1, MibADC2) Terminal Signal Default Pull Type Description Type Pull State Signal Name 337 ZWT ADREFHI(1) V15 Input - - ADC high reference supply ADREFLO(1) V16 Input ADC low reference supply VCCAD(1) W15 Power Operating supply for ADC VSSAD V19 Ground - - ADC supply power W16 W18 W19 AD1EVT N19 Input Pull Down Programmable, ADC1 event trigger input, 20uA or GIO MIBSPI3NCS[0]/AD2EVT/GIOB[2] V10 I/O Pull Up Programmable, ADC2 event trigger input, 20uA or GIO AD1IN[0] W14 Input - - ADC1 analog input AD1IN[01] V17 AD1IN[02] V18 AD1IN[03] T17 AD1IN[04] U18 AD1IN[05] R17 AD1IN[06] T19 AD1IN[07] V14 AD1IN[08] / AD2IN[08] P18 Input - - ADC1/ADC2 shared analog inputs AD1IN[09] / AD2IN[09] W17 AD1IN[10] / AD2IN[10] U17 AD1IN[11] / AD2IN[11] U19 AD1IN[12] / AD2IN[12] T16 AD1IN[13] / AD2IN[13] T18 AD1IN[14] / AD2IN[14] R18 AD1IN[15] / AD2IN[15] P19 AD1IN[16] / AD2IN[0] V13 AD1IN[17] / AD2IN[01] U13 AD1IN[18] / AD2IN[02] U14 AD1IN[19] / AD2IN[03] U16 AD1IN[20] / AD2IN[04] U15 AD1IN[21] / AD2IN[05] T15 AD1IN[22] / AD2IN[06] R19 AD1IN[23] / AD2IN[07] R16 (1) The ADREFHI, ADREFLO, VCCAD and VSSAD connections are common for both ADC cores. Copyright © 2011, Texas Instruments Incorporated Device Package and Terminal Functions 21 Submit Documentation Feedback focus.ti.com: RM48L930 RM48L730 RM48L530 |