Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC342 Fiches technique(PDF) 6 Page - SONiX Technology Company

No de pièce SNC342
Description  Direct Drive Voice/Dual Tone Melody Controller?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC342 Fiches technique(HTML) 6 Page - SONiX Technology Company

Back Button SNC342 Datasheet HTML 2Page - SONiX Technology Company SNC342 Datasheet HTML 3Page - SONiX Technology Company SNC342 Datasheet HTML 4Page - SONiX Technology Company SNC342 Datasheet HTML 5Page - SONiX Technology Company SNC342 Datasheet HTML 6Page - SONiX Technology Company SNC342 Datasheet HTML 7Page - SONiX Technology Company SNC342 Datasheet HTML 8Page - SONiX Technology Company SNC342 Datasheet HTML 9Page - SONiX Technology Company SNC342 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SNC342
Direct Drive Voice/Dual Tone Melody Controller
VCC
BUO1/VO
1K
DAC output
PWM: A PWM (pulse width modulation) circuit is built-in SNC342. PWM can convert
input digital data into pulse trains with suitable different pulse width. The maximum
resolution of PWM is 7 bits. Two huge output stage circuits are designed in SNC342.
With this advanced circuit, the chip is capable of driving speaker directly without
external transistors.
The recommended application circuit is illustrated as follows.
BUO1/VO
BUO2
PWM Output
Ver: 1.2
December 26, 2002
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11