Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNC342 Fiches technique(PDF) 4 Page - SONiX Technology Company

No de pièce SNC342
Description  Direct Drive Voice/Dual Tone Melody Controller?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC342 Fiches technique(HTML) 4 Page - SONiX Technology Company

  SNC342 Datasheet HTML 1Page - SONiX Technology Company SNC342 Datasheet HTML 2Page - SONiX Technology Company SNC342 Datasheet HTML 3Page - SONiX Technology Company SNC342 Datasheet HTML 4Page - SONiX Technology Company SNC342 Datasheet HTML 5Page - SONiX Technology Company SNC342 Datasheet HTML 6Page - SONiX Technology Company SNC342 Datasheet HTML 7Page - SONiX Technology Company SNC342 Datasheet HTML 8Page - SONiX Technology Company SNC342 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SNC342
Direct Drive Voice/Dual Tone Melody Controller
5.6. Dual-Tone Generator
A dual-tone melody generator is included to generate 2-channel music songs with a
pleasant square-wave-like timbre. The pitch range of each tone generator is as wide
as 4 octaves (48 different notes totally). The output of dual-tone generator can be
mixed with the output of voice synthesizer to achieve voice playing with BGM
(background music).
Additionally, Sonix provides a numbered-musical-notation
representation to help users compose their songs. Further, a MIDI (1.0) file translator
can convert MIDI files into Sonix format.
5.7. I/O Ports
P1 is a 4-bit input port and P2/P3 are two 4-bit I/O ports. Any bit of P2 and P3 can be
programmed as either input or output port individually. Any valid data transition (H
L
or L H) of P1, P2 and P3 can reactivate the chip when the chip is in power-down
mode.
To Internal Data Bus
Read Control
PAD
Weak
Input Port Configuration (P10~P13)
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak
I/O Port Configuration (P20~P23, P30~P33)
Note: weak N-MOS’s can serve as pull-low resistor.
Ver: 1.2
December 26, 2002
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11