| Moteur de recherche de fiches techniques de composants électroniques |
|
SN8P1602AS Fiches technique(PDF) 26 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AS Fiches technique(HTML) 26 Page - SONiX Technology Company |
|
26 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 26 Revision 1.94 R REGISTERS R register is an 8-bit buffer. There are two major functions of the register. First, R register can be used as working register. Second, the R register stores high-byte data of look-up ROM data. After MOVC instruction executed, the high-byte data of specified ROM address will store in R register and the low-byte data in ACC. 082H Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 R RBIT7 RBIT6 RBIT5 RBIT4 RBIT3 RBIT2 RBIT1 RBIT0 Read/Write R/W R/W R/W R/W R/W R/W R/W R/W After reset 0 0 0 0 0 0 0 0 Note: Please consult the “LOOK-UP TABLE DESCRIPTION” about R register look-up table application. |