Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN8P1602AS Fiches technique(PDF) 23 Page - SONiX Technology Company

No de pièce SN8P1602AS
Description  8-Bit Micro-Controller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602AS Fiches technique(HTML) 23 Page - SONiX Technology Company

Back Button SN8P1602AS Datasheet HTML 19Page - SONiX Technology Company SN8P1602AS Datasheet HTML 20Page - SONiX Technology Company SN8P1602AS Datasheet HTML 21Page - SONiX Technology Company SN8P1602AS Datasheet HTML 22Page - SONiX Technology Company SN8P1602AS Datasheet HTML 23Page - SONiX Technology Company SN8P1602AS Datasheet HTML 24Page - SONiX Technology Company SN8P1602AS Datasheet HTML 25Page - SONiX Technology Company SN8P1602AS Datasheet HTML 26Page - SONiX Technology Company SN8P1602AS Datasheet HTML 27Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
SN8P1600
8-bit micro-controller
SONiX TECHNOLOGY CO., LTD
Page 23
Revision 1.94
Example: “@JMP_A” application in SONIX macro file called “MACRO3.H”.
B0MOV
A, BUF0
; “BUF0” is from 0 to 4.
@JMP_A
5
; The number of the jump table listing is five.
JMP
A0POINT
; If ACC = 0, jump to A0POINT
JMP
A1POINT
; ACC = 1, jump to A1POINT
JMP
A2POINT
; ACC = 2, jump to A2POINT
JMP
A3POINT
; ACC = 3, jump to A3POINT
JMP
A4POINT
; ACC = 4, jump to A4POINT
If the jump table position is from 00FDH to 0101H, the “@JMP_A” macro will make the jump table to start from 0100h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94