| Moteur de recherche de fiches techniques de composants électroniques |
|
TIBPLS506ACFN Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TIBPLS506ACFN Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 16 page ![]() TIBPLS506AC 13 × 97 × 8 FIELD-PROGRAMMABLE LOGIC SEQUENCER SRPS003C – D3090, DECEMBER 1987 – REVISED NOVEMBER 1995 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 4 S-R FUNCTION TABLE (see Note 1) CLK POLARITY FUSE CLK S R STATE REGISTER INTACT ↑ L L Q0 INTACT ↑ LH L INTACT ↑ HL H INTACT ↑ H H INDETERMINATE BLOWN ↓ LL Q0 BLOWN ↓ LH L BLOWN ↓ HL H BLOWN ↓ H H INDETERMINATE NOTE 1: Q0 is the state of the S-R registers before the active clock edge. functional block diagram (positive logic) denotes fused inputs I0 – I11 8 & 60 x 97 ≥1 97 x 50 97 CLK I12/OE 2 2 x 16 16 Q0 – Q7 2 16 16 16 x 16 13 13 13 x 1 C1 1S 1R 16 x C1 1S 1R 8 x 8 8 1 EN 8 x MUX 12 G1 1 16 2 16 8 8 |