Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SNAD01B Fiches technique(PDF) 2 Page - SONiX Technology Company

No de pièce SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONIX [SONiX Technology Company]
Site Internet  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Fiches technique(HTML) 2 Page - SONiX Technology Company

  SNAD01B Datasheet HTML 1Page - SONiX Technology Company SNAD01B Datasheet HTML 2Page - SONiX Technology Company SNAD01B Datasheet HTML 3Page - SONiX Technology Company SNAD01B Datasheet HTML 4Page - SONiX Technology Company SNAD01B Datasheet HTML 5Page - SONiX Technology Company SNAD01B Datasheet HTML 6Page - SONiX Technology Company SNAD01B Datasheet HTML 7Page - SONiX Technology Company SNAD01B Datasheet HTML 8Page - SONiX Technology Company SNAD01B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
AMENDMENT HISTORY
Version
Date
Description
Ver 1.1
February 12, 2003
First issue.
Ver 1.3
July 31, 2003
1. Add the version code “B” of chip no.
2. This spec is modified form SNAD01_V1.3
3. Add standby current more than 50 uA in page 10
Note: This document is used to identify the different version “B” & “C” of SNAD01, the most
important is standby current and power down setting between version “B” & “C”. For the detail
please refer to related section.
Version: 1.3
July 31, 2003
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31