| Moteur de recherche de fiches techniques de composants électroniques |
|
SNAD01B Fiches technique(PDF) 16 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNAD01B Fiches technique(HTML) 16 Page - SONiX Technology Company |
|
16 / 31 page ![]() SNAD01B 8-CHANNEL 8-BIT ADC 9. Example Programs: Host Controller: SNC500. Application circuit is identical to Figure11. P22: START. P21: CLK. P20: DIO. Macro Programs: (def.h) ♦ p2State equ m0 port_l equ m1 port_h equ m2 ad_out_l equ m3 ad_out_h equ m4 tmp equ m5 tmp1 equ m6 ;;******************************** @ON_START macro ;;SET START=0 mov a #1011b and a p2state mov p2state a mov p2 a endm ;;******************************** @OFF_START macro ;;SET START=1 mov a #0100b or a p2state mov p2state a mov p2 a endm ;;******************************** @CLOCK macro mov a #0010b ;;SET CLK L H AND H L or a p2state mov p2 a mov a #1101b and a p2state mov p2state a mov p2 a endm ;;******************************** @Send_0 macro mov a #1110b ;;HOST SEND 0 DIO and a p2state Version: 1.3 July 31, 2003 16 |