Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS570LS3137 Fiches technique(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Fiches technique(HTML) 92 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 88Page - Texas Instruments TMS570LS3137 Datasheet HTML 89Page - Texas Instruments TMS570LS3137 Datasheet HTML 90Page - Texas Instruments TMS570LS3137 Datasheet HTML 91Page - Texas Instruments TMS570LS3137 Datasheet HTML 92Page - Texas Instruments TMS570LS3137 Datasheet HTML 93Page - Texas Instruments TMS570LS3137 Datasheet HTML 94Page - Texas Instruments TMS570LS3137 Datasheet HTML 95Page - Texas Instruments TMS570LS3137 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
TMS570LS3137
SPNS162.
– SEPTEMBER 2011
www.ti.com
Table 4-31. Interrupt Request Assignments (continued)
Modules
Interrupt Sources
Default VIM Interrupt
Channel
LIN
LIN level 1 interrupt
27
MIBADC1
MIBADC1 sw group 2 interrupt
28
DCAN1
DCAN1 level 1 interrupt
29
SPI2
SPI2 level 1 interrupt
30
MIBADC1
MIBADC1 magnitude compare interrupt
31
FlexRay
FlexRay level 1 interrupt
32
DMA
FTCA interrupt
33
DMA
LFSA interrupt
34
DCAN2
DCAN2 level 0 interrupt
35
DMM
DMM level 0 interrupt
36
MIBSPI3
MIBSPI3 level 0 interrupt
37
MIBSPI3
MIBSPI3 level 1 interrupt
38
DMA
HBCA interrupt
39
DMA
BTCA interrupt
40
EMIF
AEMIFINT3
41
DCAN2
DCAN2 level 1 interrupt
42
DMM
DMM level 1 interrupt
43
DCAN1
DCAN1 IF3 interrupt
44
DCAN3
DCAN3 level 0 interrupt
45
DCAN2
DCAN2 IF3 interrupt
46
FPU
FPU interrupt
47
FlexRay TU
FlexRay TU Transfer Status interrupt
48
SPI4
SPI4 level 0 interrupt
49
MIBADC2
MibADC2 event group interrupt
50
MIBADC2
MibADC2 sw group1 interrupt
51
FlexRay
FlexRay T0C interrupt
52
MIBSPI5
MIBSPI5 level 0 interrupt
53
SPI4
SPI4 level 1 interrupt
54
DCAN3
DCAN3 level 1 interrupt
55
MIBSPI5
MIBSPI5 level 1 interrupt
56
MIBADC2
MibADC2 sw group2 interrupt
57
FlexRay TU
FlexRay TU Error interrupt
58
MIBADC2
MibADC2 magnitude compare interrupt
59
DCAN3
DCAN3 IF3 interrupt
60
FMC
FSM_DONE interrupt
61
FlexRay
FlexRay T1C interrupt
62
N2HET2
N2HET2 level 0 interrupt
63
SCI
SCI level 0 interrupt
64
HET TU2
HET TU2 level 0 interrupt
65
I2C
I2C level 0 interrupt
66
Reserved
Reserved
67-72
N2HET2
N2HET2 level 1 interrupt
73
SCI
SCI level 1 interrupt
74
HET TU2
HET TU2 level 1 interrupt
75
Ethernet
C0_MISC_PULSE
76
Ethernet
C0_TX_PULSE
77
Ethernet
C0_THRESH_PULSE
78
92
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More