Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS570LS3137 Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS570LS3137
Description  TMS570LS3137 16/32-Bit RISC Flash Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3137 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button TMS570LS3137 Datasheet HTML 23Page - Texas Instruments TMS570LS3137 Datasheet HTML 24Page - Texas Instruments TMS570LS3137 Datasheet HTML 25Page - Texas Instruments TMS570LS3137 Datasheet HTML 26Page - Texas Instruments TMS570LS3137 Datasheet HTML 27Page - Texas Instruments TMS570LS3137 Datasheet HTML 28Page - Texas Instruments TMS570LS3137 Datasheet HTML 29Page - Texas Instruments TMS570LS3137 Datasheet HTML 30Page - Texas Instruments TMS570LS3137 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
TMS570LS3137
www.ti.com
SPNS162.
– SEPTEMBER 2011
2.4.2.5
Controller Area Network Controllers (DCAN)
Table 2-27. ZWT Controller Area Network Controllers (DCAN)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
CAN1RX
B10
I/O
Pull Up
Programmable,
CAN1 receive, or GIO
20uA
CAN1TX
A10
CAN1 transmit, or GIO
CAN2RX
H1
CAN2 receive, or GIO
CAN2TX
H2
CAN2 transmit, or GIO
CAN3RX
M19
CAN3 receive, or GIO
CAN3TX
M18
CAN3 transmit, or GIO
2.4.2.6
Local Interconnect Network Interface Module (LIN)
Table 2-28. ZWT Local Interconnect Network Interface Module (LIN)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
LINRX
A7
I/O
Pull Up
Programmable,
LIN receive, or GIO
20uA
LINTX
B7
LIN transmit, or GIO
2.4.2.7
Standard Serial Communication Interface (SCI)
Table 2-29. ZWT Standard Serial Communication Interface (SCI)
Terminal
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
ZWT
N2HET1[06]/SCIRX
W3
I/O
Pull Down
Programmable,
SCI receive, or GIO
20uA
N2HET1[13]/SCITX
N2
SCI transmit, or GIO
Copyright
© 2011, Texas Instruments Incorporated
Device Package and Terminal Functions
27
Submit Documentation Feedback
focus.ti.com: TMS570LS3137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More