Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3421 Fiches technique(PDF) 56 Page - ams AG

No de pièce AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Fiches technique(HTML) 56 Page - ams AG

Back Button AS3421 Datasheet HTML 52Page - ams AG AS3421 Datasheet HTML 53Page - ams AG AS3421 Datasheet HTML 54Page - ams AG AS3421 Datasheet HTML 55Page - ams AG AS3421 Datasheet HTML 56Page - ams AG AS3421 Datasheet HTML 57Page - ams AG AS3421 Datasheet HTML 58Page - ams AG AS3421 Datasheet HTML 59Page - ams AG AS3421 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
56 - 61
AS3421 AS3422
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g
12 Package Drawings and Marking
Figure 48. QFN Marking
Table 40. Package Code YYWWIZZ
YY
WW
X
ZZ
last two digits of the year
manufacturing week
plant identifier
free choice / traceability code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61