Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3421 Fiches technique(PDF) 4 Page - ams AG

No de pièce AS3421
Description  Low Power Ambient Noise-Cancel l ing Speaker Dr iver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3421 Fiches technique(HTML) 4 Page - ams AG

  AS3421 Datasheet HTML 1Page - ams AG AS3421 Datasheet HTML 2Page - ams AG AS3421 Datasheet HTML 3Page - ams AG AS3421 Datasheet HTML 4Page - ams AG AS3421 Datasheet HTML 5Page - ams AG AS3421 Datasheet HTML 6Page - ams AG AS3421 Datasheet HTML 7Page - ams AG AS3421 Datasheet HTML 8Page - ams AG AS3421 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
www.austriamicrosystems.com
Revision 0.90
4 - 61
AS3421 AS3422
Datasheet - P i n A s s i g n m e n t s
5 Pin Assignments
Note:
Pin assignment may change in preliminary data sheets.
Figure 3. Pin Assignments (Top View)
CAUTION: Exposed pad must be connect to VNEG or left unconnected. Exposed pad
must NOT be connected to GND or AGND!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61