| Moteur de recherche de fiches techniques de composants électroniques |
|
PI-470LSF Fiches technique(PDF) 60 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PI-470LSF Fiches technique(HTML) 60 Page - NEC |
|
60 / 104 page ![]() Power Inductors VOL.10 60 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type H ・DI-0520 Series(2000pcs./reel) Dimensions of indented square hole plastic tape B J FG H K t Packing position Reel dimensions [mm] AB C D E F G H J K t ± 0.1 ± 0.1 ± 0.3 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 +0.1, –0 ± 0.1 ± 0.05 5.4 5.4 12.0 5.5 1.75 8.0 2.0 4.0 ø1.5 2.2 0.4 [mm] AB C D E W1 W2 ± 0.5 ± 1.0 ± 0.5 +2.0, –0 ± 2.0 ø330 ø80 ø13.0 ø21.0 2.0 12.5 16.5 E C D W1 W2 10 9 8 7 6 5 4 3 2 1 0 0 12345 6 7 Idc (A) H ・DI-0520-6R8 H ・DI-0520-4R7 H ・DI-0520-3R3 H ・DI-0520-2R2 H ・DI-0520-1R2 H ・DI-0520-6R8 H ・DI-0520-4R7 H ・DI-0520-3R3 H ・DI-0520-2R2 H ・DI-0520-1R2 DC-Superposed Characteristics ●H・DI-0520 Series 0 70 80 90 100 30 40 10 20 50 60 110 Idc (A) 0 0.2 0.4 0.8 1.2 1.4 1 0.6 H ・DI-0520-101 H ・DI-0520-680 H ・DI-0520-470 H ・DI-0520-330 H ・DI-0520-220 H ・DI-0520-100 |