| Moteur de recherche de fiches techniques de composants électroniques |
|
PI-470LSF Fiches technique(PDF) 58 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PI-470LSF Fiches technique(HTML) 58 Page - NEC |
|
58 / 104 page ![]() Power Inductors VOL.10 58 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type SN-S3M Series (In contormity to EIAJ RC-1009)(1000pcs./reel) Dimensions of indented square hole plastic tape [mm] AB W F E P1 P2 P0 D0 T1 T2 K ± 0.3 ± 0.3 ± 0.3 ± 0.1 ± 0.1 ± 0.1 ± 0.1 ± 0.1 +0.1, –0 max. max. max. 7.4 10.5 16 7.5 1.75 12 2.0 4.0 1.5 0.6 6.5 6.4 Reel dimensions AB C D E r W1 W2 ±0.5 ±1.0 ±0.5 ±0.5 +2.0–0 [mm] 0 ø330 ø80 ø13 ø21 2.0 1.5 12.4 —— — T1 K T2 øD0 A P1 P2 P0 Sprocket hold Indented Square hole for fitting chips Indented Square hole for fitting chips Forward direction W2 A C E D r W1 |