Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2950AS Fiches technique(PDF) 13 Page - Sipex Corporation

No de pièce LP2950AS
Description  100 mA Low Dropout Voltage Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950AS Fiches technique(HTML) 13 Page - Sipex Corporation

Back Button LP2950AS Datasheet HTML 5Page - Sipex Corporation LP2950AS Datasheet HTML 6Page - Sipex Corporation LP2950AS Datasheet HTML 7Page - Sipex Corporation LP2950AS Datasheet HTML 8Page - Sipex Corporation LP2950AS Datasheet HTML 9Page - Sipex Corporation LP2950AS Datasheet HTML 10Page - Sipex Corporation LP2950AS Datasheet HTML 11Page - Sipex Corporation LP2950AS Datasheet HTML 12Page - Sipex Corporation LP2950AS Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Now available in Lead Free. To order ad "-L" to the part number.
Example: LP2950CN= Normal, LP2950CN-L = Lead Free
Rev. 8/10/01
LP2950/51 100mA Low Dropout Voltage Regulators
©Copyright 2001 Sipex Corporation
13
LP2950/LP2951
PACKAGE DIAGRAM
TO-92 (N)
8-Pin Surface Mount (S)
ALPHA
AS293
0
1
LP2951 Top View
2
3
4
5
6
7
8
OUTPUT
SENSE
SHUTDOWN
GROUND
INPUT
FEEDBACK
5V or 3.3V Output
ERROR
LP2950 Bottom View
1
3
2
V
IN
GROUND
V
OUT
ORDERING INFORMATION
Ordering No.
Accuracy
Output Voltage
Packages
LP2950ACN-3.3
0.5%
3.3V
3 lead TO-92
LP2950ACN-5.0
0.5%
5.0V
3 lead TO-92
LP2950CN-3.3
1%
3.3V
3 lead TO-92
LP2950CN-5.0
1%
5.0V
3 lead TO-92
LP2951ACS-3.3
0.5%
3.3V
8 Lead SOIC
LP2951ACS-5.0
0.5%
5.0V
8 Lead SOIC
LP2951CS-3.3
1%
3.3V
8 Lead SOIC
LP2951CS-5.0
1%
5.0V
8 Lead SOIC
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it
convey any license under its patent rights nor the rights of others.
Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com