Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2950AS Fiches technique(PDF) 10 Page - Sipex Corporation

No de pièce LP2950AS
Description  100 mA Low Dropout Voltage Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

LP2950AS Fiches technique(HTML) 10 Page - Sipex Corporation

Back Button LP2950AS Datasheet HTML 5Page - Sipex Corporation LP2950AS Datasheet HTML 6Page - Sipex Corporation LP2950AS Datasheet HTML 7Page - Sipex Corporation LP2950AS Datasheet HTML 8Page - Sipex Corporation LP2950AS Datasheet HTML 9Page - Sipex Corporation LP2950AS Datasheet HTML 10Page - Sipex Corporation LP2950AS Datasheet HTML 11Page - Sipex Corporation LP2950AS Datasheet HTML 12Page - Sipex Corporation LP2950AS Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev. 8/10/01
LP2950/51 100mA Low Dropout Voltage Regulators
©Copyright 2001 Sipex Corporation
10
LP2950/LP2951
TYPICAL APPLICATIONS (continued)
100k
Ω
SENSE
SD
V OUT
GND
+V IN
3
8
1
1
µF
+
4
400kΩ
120k
Ω
1.5k
Ω
6V
SEALED
LEAD-
ACID
BATTERY
SOURCE
FB
FOR 5.5 V
+
1N457
2
20k
Ω
NI-CAD
BACKUP
BATTERY
MEMORY V+
MAIN V+
SPX385
LP2951
GND
4
3
5
8
2
1
7
6
SD
TAP
FB
+VIN
SENSE
VOUT
ERROR
______
RESET
100k
100k
100k
1k
100k
10k
20k
1k
39k
39k
C3
C1
C2
C4
1%
1%
1%
1%
6V
LEAD-
ACID
BATTERY
R3
<6.2V**
<5.8V**
<6.0V**
-
+
+
+
+
-
-
-
Ω ..
Ω ..
Ω ..
Ω ..
Ω ..
Ω ..
Ω ..
Ω ..
Ω ..
Ω ..
+V
OUT = 5V
1uF
+
* OPTIONAL LATCH OFF WHEN DROPOUT OCCURS. ADJUST R3 FOR C2 SWITCHING WHEN
VIN IS 6.0V
* OUTPUTS GO LOW WHEN V IN DROPS BELOW DESGNATED THRESHHOLDS
LP2951
Figure 5. Low Battery disconnect
Figure 6. Regulator with State-of Charge Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com