Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8569E Fiches technique(PDF) 12 Page - Freescale Semiconductor, Inc

No de pièce MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Fiches technique(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Pinout List
Freescale Semiconductor
12
D1_MWE
E17
O
GVDD
—
D2_MA0
E4
O
GVDD
—
D2_MA1
A4
O
GVDD
—
D2_MA2
J7
O
GVDD
—
D2_MA3
G6
O
GVDD
—
D2_MA4
B4
O
GVDD
—
D2_MA5
H4
O
GVDD
—
D2_MA6
G3
O
GVDD
—
D2_MA7
J8
O
GVDD
—
D2_MA8
E5
O
GVDD
—
D2_MA9
G5
O
GVDD
—
D2_MA10
J6
O
GVDD
—
D2_MA11
A5
O
GVDD
—
D2_MA12
J9
O
GVDD
—
D2_MA13
D3
O
GVDD
—
D2_MA14
D6
O
GVDD
—
D2_MA15
B1
O
GVDD
—
D2_MBA0
J5
O
GVDD
—
D2_MBA1
F4
O
GVDD
—
D2_MBA2
E6
O
GVDD
—
D2_MCAS
J4
O
GVDD
—
D2_MCK0
E10
O
GVDD
—
D2_MCK0
E9
O
GVDD
—
D2_MCK1
J11
O
GVDD
—
D2_MCK1
J10
O
GVDD
—
D2_MCK2
C6
O
GVDD
—
D2_MCK2
C5
O
GVDD
—
D2_MCKE0
G7
O
GVDD
—
D2_MCKE1
K8
O
GVDD
—
D2_MCKE2
C2
O
GVDD
—
D2_MCKE3
A2
O
GVDD
—
D2_MCS0
E3
O
GVDD
—
D2_MCS1
A6
O
GVDD
—
D2_MCS2
H7
O
GVDD
—
D2_MCS3
G2
O
GVDD
—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More