Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8569E Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MPC8569E
Description  MPC8569E PowerQUICC III
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8569E Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8569E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8569E Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
Pinout List
MPC8569E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
11
D1_MDQ22
J26
I/O
GVDD
—
D1_MDQ23
J25
I/O
GVDD
—
D1_MDQ24
C24
I/O
GVDD
—
D1_MDQ25
C22
I/O
GVDD
—
D1_MDQ26
C21
I/O
GVDD
—
D1_MDQ27
B21
I/O
GVDD
—
D1_MDQ28
B24
I/O
GVDD
—
D1_MDQ29
A24
I/O
GVDD
—
D1_MDQ30
A22
I/O
GVDD
—
D1_MDQ31
A21
I/O
GVDD
—
D1_MDQS0
D26
I/O
GVDD
—
D1_MDQS0
C26
I/O
GVDD
—
D1_MDQS1
H26
I/O
GVDD
—
D1_MDQS1
G26
I/O
GVDD
—
D1_MDQS2
K24
I/O
GVDD
—
D1_MDQS2
L25
I/O
GVDD
—
D1_MDQS3
D23
I/O
GVDD
—
D1_MDQS3
C23
I/O
GVDD
—
D1_MDQS8
H23
I/O
GVDD
—
D1_MDQS8
G23
I/O
GVDD
—
D1_MECC0
G24
I/O
GVDD
—
D1_MECC1
H22
I/O
GVDD
—
D1_MECC2
G22
I/O
GVDD
—
D1_MECC3
F21
I/O
GVDD
—
D1_MECC4
F24
I/O
GVDD
—
D1_MECC5
D22
I/O
GVDD
—
D1_MECC6
E21
I/O
GVDD
—
D1_MECC7
D21
I/O
GVDD
—
D1_MODT0
C16
O
GVDD
—
D1_MODT1
J16
O
GVDD
—
D1_MODT2
G17
O
GVDD
—
D1_MODT3
E16
O
GVDD
—
D1_MAPAR_OUT
E15
O
GVDD
—
D1_MAPAR_ERR
F15
I
GVDD
—
D1_MRAS
G18
O
GVDD
—
Table 1. MPC8569E Pinout Listing (continued)
Signal1
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More