Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8378E Fiches technique(PDF) 99 Page - Freescale Semiconductor, Inc

No de pièce MPC8378E
Description  PowerQUICC II Pro Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Fiches technique(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
99
TSEC2_RXD0/GPIO1[16]
AE28
I/O
LVDD2
17
TSEC2_RXD1/GPIO1[15]
AE29
I/O
LVDD2
17
TSEC2_RXD2/GPIO1[14]
AH26
I/O
LVDD2
17
TSEC2_RXD3/GPIO1[13]
AH25
I/O
LVDD2
17
TSEC2_TX_CLK/GPIO2[24]/
TSEC1_TMR_GCLK
AG28
I/O
LVDD2
17
TSEC2_TX_EN/GPIO1[12]/
TSEC1_TMR_ALARM2
AJ26
I/O
LVDD2
17
TSEC2_TX_ER/GPIO1[24]/
TSEC1_TMR_ALARM1
AG26
I/O
LVDD2
17
TSEC2_TXD0/GPIO1[20]
AH28
I/O
LVDD2
17
TSEC2_TXD1/GPIO1[19]/
TSEC1_TMR_PP1
AF27
I/O
LVDD2
17
TSEC2_TXD2/GPIO1[18]/
TSEC1_TMR_PP2
AJ28
I/O
LVDD2
17
TSEC2_TXD3/GPIO1[17]/
TSEC1_TMR_PP3
AF29
I/O
LVDD2
17
GPIO1 Interface
GPIO1[0]/GTM1_TIN1/
GTM2_TIN2/DREQ0_B
P25
I/O
OVDD
—
GPIO1[1]/GTM1_TGATE1_B/
GTM2_TGATE2_B/DACK0_B
N25
I/O
OVDD
—
GPIO1[2]/GTM1_TOUT1_B/
DDONE0_B
N26
I/O
OVDD
—
GPIO1[3]/GTM1_TIN2/
GTM2_TIN1/DREQ1_B
B9
I/O
OVDD
—
GPIO1[4]/GTM1_TGATE2_B/
GTM2_TGATE1_B/DACK1_B
N29
I/O
OVDD
—
GPIO1[5]/GTM1_TOUT2_B/
GTM2_TOUT1_B/DDONE1_B
M29
I/O
OVDD
—
GPIO1[6]/GTM1_TIN3/
GTM2_TIN4/DREQ2_B
A9
I/O
OVDD
—
GPIO1[7]/GTM1_TGATE3_B/
GTM2_TGATE4_B/DACK2_B
B10
I/O
OVDD
—
GPIO1[8]/GTM1_TOUT3_B/
DDONE2_B
J26
I/O
OVDD
—
GPIO1[9]/GTM1_TIN4/
GTM2_TIN3/DREQ3_B
J24
I/O
OVDD
—
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More