| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8378E Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8378E Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc |
|
65 / 128 page ![]() MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 8 Freescale Semiconductor 65 This figure provides the AC test load for PCI. Figure 43. PCI AC Test Load This figure shows the PCI input AC timing conditions. Figure 44. PCI Input AC Timing Measurement Conditions This figure shows the PCI output AC timing conditions. Figure 45. PCI Output AC Timing Measurement Condition 15 PCI Express This section describes the DC and AC electrical specifications for the PCI Express bus. 15.1 DC Requirements for PCI Express SD_REF_CLK and SD_REF_CLK For more information see Section 20, “High-Speed Serial Interfaces (HSSI).” Output Z0 = 50 Ω OVDD/2 RL = 50 Ω tPCIVKH CLK Input tPCIXKH CLK Output Delay tPCKHOV High-Impedance tPCKHOZ Output tPCKHOX |