| Moteur de recherche de fiches techniques de composants électroniques |
|
SC667201MMG2 Fiches technique(PDF) 96 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC667201MMG2 Fiches technique(HTML) 96 Page - Freescale Semiconductor, Inc |
|
96 / 120 page ![]() MPC5642A Microcontroller Data Sheet, Rev. 3.1 96 Freescale Semiconductor Electrical characteristics Figure 19. CLKOUT timing 1 Calibration bus timing specified at f SYS = 150 MHz and 100 MHz, VDD = 1.14 V to 1.32 V, VDDE =3Vto3.6 V (unless stated otherwise), TA =TL to TH, and CL = 30 pF with DSC = 0b10. 2 The calibration bus is limited to half the speed of the internal bus. The maximum calibration bus frequency is 66 MHz. The bus division factor should be set accordingly based on the internal frequency being used. 3 Signals are measured at 50% V DDE 4 Refer to fast pad timing in Table 34 and Table 35 (different values for 1.8 V vs. 3.3 V). 5 Measured at 50% of ALE 6 When CAL_TS pad is used for CAL_ALE function the hold time is 1 ns instead of 1.5 ns. 1 2 2 3 4 CLKOUT VDDE/2 VOL_F VOH_F |