| Moteur de recherche de fiches techniques de composants électroniques |
|
SC667201MMG2 Fiches technique(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC667201MMG2 Fiches technique(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 120 page ![]() ETPUA6 ETPUA18_O DSPI_B_SCK_LVDS+ FR_B_RX GPIO[120] eTPU A channel eTPU A channel (output only) LVDS positive DSPI clock FlexRay receive data channel B GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 120 I/O O O I I/O VDDEH4 / Medium + LVDS — / WKPCFG — / WKPCFG 53 L3 AB10 ETPUA7 ETPUA19_O DSPI_B_SOUT_LVDS ETPUA6_O GPIO[121] eTPU A channel eTPU A channel (output only) LVDS negative DSPI data out eTPU A channel (output only) GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 121 I/O O O O I/O VDDEH4 / Slow + LVDS — / WKPCFG — / WKPCFG 52 K3 AA10 ETPUA8 ETPUA20_O DSPI_B_SOUT_LVDS+ GPIO[122] eTPU A channel eTPU A channel (output only) LVDS positive DSPI data out GPIO P A1 A2 G 001 010 100 000 122 I/O O O I/O VDDEH4 / Slow + LVDS — / WKPCFG — / WKPCFG 51 N1 Y10 ETPUA9 ETPUA21_O RCH1_B GPIO[123] eTPU A channel eTPU A channel (output only) Reaction channel 1B GPIO P A1 A2 G 001 010 100 000 123 I/O O O I/O VDDEH4 / Slow — / WKPCFG — / WKPCFG 50 M2 AA9 ETPUA10 ETPUA22_O RCH1_C GPIO[124] eTPU A channel eTPU A channel (output only) Reaction channel 1C GPIO P A1 A2 G 001 010 100 000 124 I/O O O I/O VDDEH1 / Slow — / WKPCFG — / WKPCFG 49 M1 AA4 ETPUA11 ETPUA23_O RCH4_B GPIO[125] eTPU A channel eTPU A channel (output only) Reaction channel 4B GPIO P A1 A2 G 001 010 100 000 125 I/O O O I/O VDDEH1 / Slow — / WKPCFG — / WKPCFG 48 L2 AB4 ETPUA12 DSPI_B_PCS[1] RCH4_C GPIO[126] eTPU A channel DSPI B peripheral chip select Reaction channel 4C GPIO P A1 A2 G 001 010 100 000 126 I/O O O I/O VDDEH1 / Medium — / WKPCFG — / WKPCFG 47 L1 AB3 ETPUA13 DSPI_B_PCS[3] GPIO[127] eTPU A channel DSPI B peripheral chip select GPIO P A1 G 01 10 00 127 I/O O I/O VDDEH1 / Medium — / WKPCFG — / WKPCFG 46 J4 AB2 ETPUA14 DSPI_B_PCS[4] ETPUA9_O RCH0_A GPIO[128] eTPU A channel DSPI B peripheral chip select eTPU A channel (output only) Reaction channel 0A GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 128 I/O O O O I/O VDDEH1 / Medium — / WKPCFG — / WKPCFG 42 J3 AA2 ETPUA15 DSPI_B_PCS[5] RCH1_A GPIO[129] eTPU A channel DSPI B peripheral chip select Reaction channel 1A GPIO P A1 A2 G 001 010 100 000 129 I/O O O I/O VDDEH1 / Medium — / WKPCFG — / WKPCFG 40 K2 AA1 ETPUA16 DSPI_D_PCS[1] RCH2_A GPIO[130] eTPU A channel DSPI D peripheral chip select Reaction channel 2A GPIO P A1 A2 G 001 010 100 000 130 I/O O O I/O VDDEH1 / Slow — / WKPCFG — / WKPCFG 39 K1 Y2 Table 3. MPC5642A signal properties (continued) Name1 Function2 P / A / G3 PCR PA field4 PCR5 I/O type Voltage6 / Pad type7 Status8 Package pin No. During reset After reset 176 208 324 |