| Moteur de recherche de fiches techniques de composants électroniques |
|
AP02002 Fiches technique(PDF) 7 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AP02002 Fiches technique(HTML) 7 Page - Diodes Incorporated |
|
7 / 51 page ![]() AP02002 Rev. 60 7 of 51 www.diodes.com Package Outline Dimensions © Diodes Incorporated U-DFN2020-3 U-DFN2020-3 Dim Min Max Typ A 0.57 0.63 0.60 A1 0 0.05 0.02 A3 - - 0.152 b 0.20 0.30 0.25 D 1.95 2.075 2.00 D2 1.10 1.30 1.20 e - - 0.50 E 1.95 2.075 2.00 E2 0.80 1.00 0.90 L 0.35 0.45 0.40 All Dimensions in mm U-DFN2020-3 Type B U-DFN2020-3 Type B Dim Min Max Typ A 0.57 0.63 0.60 A1 0 0.05 0.02 A3 - - 0.152 b 0.20 0.30 0.25 D 1.95 2.075 2.00 D2 1.22 1.42 1.32 D4 0.56 0.76 0.66 e - - 0.65 E 1.95 2.075 2.00 E2 0.79 0.99 0.89 E4 0.48 0.68 0.58 L 0.25 0.35 0.30 Z - - 0.225 All Dimensions in mm U-DFN2020-6 U-DFN2020-6 Dim Min Max Typ A 0.57 0.63 0.60 A1 0 0.05 0.03 A3 - - 0.15 b 0.20 0.30 0.25 D 1.95 2.075 2.00 D2 1.45 1.65 1.55 e - - 0.65 E 1.95 2.075 2.00 E2 0.76 0.96 0.86 L 0.30 0.40 0.35 All Dimensions in mm SEATING PLANE Pin#1 ID E E2 L D D2 L A3 A A1 e b SEATING PLANE E E2 D D2 L A3 A A1 b D4 E4 Z e e SEATING PLANE D2 D e Pin#1 ID L b D2/2 E2 E A1 A A3 |