Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP02002 Fiches technique(PDF) 36 Page - Diodes Incorporated

No de pièce AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Fiches technique(HTML) 36 Page - Diodes Incorporated

Back Button AP02002_12 Datasheet HTML 32Page - Diodes Incorporated AP02002_12 Datasheet HTML 33Page - Diodes Incorporated AP02002_12 Datasheet HTML 34Page - Diodes Incorporated AP02002_12 Datasheet HTML 35Page - Diodes Incorporated AP02002_12 Datasheet HTML 36Page - Diodes Incorporated AP02002_12 Datasheet HTML 37Page - Diodes Incorporated AP02002_12 Datasheet HTML 38Page - Diodes Incorporated AP02002_12 Datasheet HTML 39Page - Diodes Incorporated AP02002_12 Datasheet HTML 40Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
AP02002 Rev. 60
36 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TO263-5
TO263-5
Dim
Min
Max
A
4.07
4.85
A1
1.14
1.40
b
0.66
1.02
c
0.36
0.64
D
8.65
9.65
E
9.78
10.54
e
1.57
1.85
L
14.61
15.88
L1
2.29
2.79
L2
-
2.92
All Dimensions in mm
TO92
TO92 -3
Dim
Min
Max
Typ
A
3.45
3.66
−
B
4.27
4.78
b
−
−
0.38
c
−
−
0.38
D
−
−
3.87
E
4.32
4.83
−
e
−
−
1.27
e2
2.40
2.90
−
L
12.98
15.00
−
L1
12.80
15.00
−
L2
0.80
−
−
L3
2.00
3.00
−
N
1.22
1.37
−
All Dimensions in mm
e
b
L2
A
A1
L
D
c
L1
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51