Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP02002 Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Fiches technique(HTML) 2 Page - Diodes Incorporated

  AP02002_12 Datasheet HTML 1Page - Diodes Incorporated AP02002_12 Datasheet HTML 2Page - Diodes Incorporated AP02002_12 Datasheet HTML 3Page - Diodes Incorporated AP02002_12 Datasheet HTML 4Page - Diodes Incorporated AP02002_12 Datasheet HTML 5Page - Diodes Incorporated AP02002_12 Datasheet HTML 6Page - Diodes Incorporated AP02002_12 Datasheet HTML 7Page - Diodes Incorporated AP02002_12 Datasheet HTML 8Page - Diodes Incorporated AP02002_12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
AP02002 Rev. 60
2 of 51
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
X1-DFN1006-2 / X2-DFN1006-2
X1-DFN1006-2
Dim
Min
Max
Typ
A
0.47 0.53 0.50
A1
0
0.05 0.03
b
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.40
L
0.20 0.30 0.25
R
0.05 0.15 0.10
All Dimensions in mm
X2-DFN1006-2
Dim
Min
Max
Typ
A
0.34
0.4
0.37
A1
0
0.05 0.03
b
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.40
L
0.20 0.30 0.25
R
0.05 0.15 0.10
All Dimensions in mm
X1-DFN1006-3 / X2-DFN1006-3
X1-DFN1006-3
Dim
Min
Max
Typ
A
0.47 0.53 0.50
A1
0
0.05 0.03
b1
0.10 0.20 0.15
b2
0.45 0.55 0.50
D
0.95 1.075 1.00
E
0.55 0.675 0.60
e
-
-
0.35
L1
0.20 0.30 0.25
L2
0.20 0.30 0.25
L3
-
-
0.40
All Dimensions in mm
X2-DFN1006-3
Dim
Min
Max
Typ
A
⎯
0.40
⎯
A1
0
0.05 0.03
b1
0.10 0.20 0.15
b2
0.45 0.55 0.50
D
0.95 1.05 1.00
E
0.55 0.65 0.60
e
-
-
0.35
L1
0.20 0.30 0.25
L2
0.20 0.30 0.25
L3
-
-
0.40
All Dimensions in mm
X2-DFN1010-6
X2-DFN1010-6
Dim
Min
Max
Typ
A
––
0.40
0.39
A1
0.00
0.05
0.02
A3
––
––
0.13
b
0.14
0.20
0.17
b1
0.05
0.15
0.10
D
0.95
1.05
1.00
E
0.95
1.05
1.00
e
––
––
0.35
L
0.35
0.45
0.40
K
0.15
––
––
Z
––
––
0.065
All Dimensions in mm
L
E
b
R
e
D
A1
A
L2
A1
E
b2
L1
L3
D
e
b1
A
A
A1
A3
D
E
Z(4x)
b(6x)
e
L(6x)
K
(Pin #1 ID)
b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51