Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT3476 Fiches technique(PDF) 7 Page - Linear Technology

No de pièce LT3476
Description  8-Channel100mA LED Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Fiches technique(HTML) 7 Page - Linear Technology

Back Button LT3476 Datasheet HTML 3Page - Linear Technology LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology LT3476 Datasheet HTML 10Page - Linear Technology LT3476 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT3760
7
3760fc
INTVCC Current Limit
vs Junction Temperature
SENSE Threshold
vs Junction Temperature
Overvoltage Protection (OVP)
Level vs Junction Temperature
VOUT -V(LEDx) Short Threshold
vs Junction Temperature
Minimum ON and OFF Times
vs Junction Temperature
GATE Rise/Fall Times
vs GATE Capacitance
INTVCC vs Current,
Junction Temperature
INTVCC vs Current,
Junction Temperature
INTVCC, UVLO(+), UVLO(–)
vs Junction Temperature
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.
JUNCTION TEMPERATURE (°C)
–50
7.0
6.9
6.8
6.7
6.6
25
100
75
0
50
3760 G13
125
–25
ILOAD = 10mA, 20mA, 30mA
ILOAD = 40mA
VIN = 8V, PWM = 0V
JUNCTION TEMPERATURE (°C)
–50
6.0
5.00
5.5
4.5
25
100
75
0
50
3760 G14
125
–25
VIN = 6V, PWM = 0V
ILOAD = 10mA
ILOAD = 20mA
ILOAD = 30mA
ILOAD = 40mA
JUNCTION TEMPERATURE (°C)
–50
8
4
5
6
7
2
3
25
100
75
0
50
3760 G15
125
–25
INTVCC UVLO(–)
INTVCC UVLO(+)
VIN = 12V
INTVCC (REGULATED)
JUNCTION TEMPERATURE (°C)
–50
60
45
50
55
40
25
100
75
0
50
3760 G16
125
–25
VIN = 6V, INTVCC = 0V
JUNCTION TEMPERATURE (°C)
–50
60.0
57.5
55.0
52.5
50.0
47.5
45.0
42.5
40.0
25
100
75
0
50
3760 G17
125
–25
INDUCTOR PEAK CURRENT THRESHOLD
(CYCLE-BY-CYCLE)
JUNCTION TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
0
25
100
75
0
50
3760 G18
125
–25
OVPSET = 1.0V
OVPSET = 0.22V
JUNCTION TEMPERATURE (°C)
–50
7.00
6.75
6.50
6.25
6.00
5.75
5.50
5.25
5.00
25
100
75
0
50
3760 G18
125
–25
VOUT = 60V
VOUT = 12V
JUNCTION TEMPERATURE (°C)
–50
250
225
200
175
150
125
100
25
100
75
0
50
3760 G20
125
–25
MINIMUM ON-TIME
MINIMUM OFF-TIME
CGATE (nF)
0
120
100
80
60
40
20
0
15
5
10
3760 G21
20
FALL TIME
RISE TIME
VIN = 8V
INTVCC = 7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com