Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1153_V2 Fiches technique(PDF) 15 Page - ams AG

No de pièce AS1153_V2
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1153_V2 Fiches technique(HTML) 15 Page - ams AG

Back Button AS1153_V2 Datasheet HTML 8Page - ams AG AS1153_V2 Datasheet HTML 9Page - ams AG AS1153_V2 Datasheet HTML 10Page - ams AG AS1153_V2 Datasheet HTML 11Page - ams AG AS1153_V2 Datasheet HTML 12Page - ams AG AS1153_V2 Datasheet HTML 13Page - ams AG AS1153_V2 Datasheet HTML 14Page - ams AG AS1153_V2 Datasheet HTML 15Page - ams AG AS1153_V2 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
15 - 16
AS1153, AS1157
Datasheet - Orderin g Info r m ation
11 Ordering Information
The devices are available as the standard products shown in Table 7.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is found at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 7. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1153
AS1153
Dual LVDS Receiver
Tubes
8-pin SOIC
AS1153-T
AS1153
Dual LVDS Receiver
Tape and Reel
8-pin SOIC
AS1157
AS1157
Dual LVDS Receiver, with termination
Tubes
8-pin SOIC
AS1157-T
AS1157
Dual LVDS Receiver, with termination
Tape and Reel
8-pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16