Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1153_V2 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS1153_V2
Description  Dual LVDS Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1153_V2 Fiches technique(HTML) 13 Page - ams AG

Back Button AS1153_V2 Datasheet HTML 8Page - ams AG AS1153_V2 Datasheet HTML 9Page - ams AG AS1153_V2 Datasheet HTML 10Page - ams AG AS1153_V2 Datasheet HTML 11Page - ams AG AS1153_V2 Datasheet HTML 12Page - ams AG AS1153_V2 Datasheet HTML 13Page - ams AG AS1153_V2 Datasheet HTML 14Page - ams AG AS1153_V2 Datasheet HTML 15Page - ams AG AS1153_V2 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
13 - 16
AS1153, AS1157
Datasheet - Pack a ge Drawin gs and Ma r k ings
10 Package Drawings and Markings
Figure 22. 8-pin SOIC Marking
Table 6. Packaging Code xxxx
xxxx
encoded Datecode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16